Part Number Hot Search : 
UF306 UL1480 2SD1889 CXD1944R D1100B32 FDLL4148 2N494C HT66F
Product Description
Full Text Search
 

To Download LT119201 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LT1192 Ultrahigh Speed Operational Amplifier
FEATURES
s s s s s s s s s s
DESCRIPTIO
Gain Bandwidth Product, AV = 5: 350MHz Slew Rate: 450V/s Low Cost Output Current: 50mA Settling Time: 90ns to 0.1% Differential Gain Error: 0.1% (RL = 1k) Differential Phase Error: 0.01 (RL = 1k) High Open-Loop Gain: 100V/mV Min Single Supply 5V Operation Output Shutdown
The LT1192 is a video operational amplifier optimized for operation on 5V and a single 5V supply. Unlike many high speed amplifiers, this amplifier features high openloop gain, over 100dB, and the ability to drive heavy loads to a full-power bandwidth of 20MHz at 7VP-P. In addition to its very fast slew rate, the LT1192 has a high gain bandwidth of 350MHz and is compensated for a closedloop gain of 5 or greater. Because the LT1192 is a true operational amplifier, it is an ideal choice for wideband signal conditioning, active filters, and applications requiring speed, accuracy and low cost. The LT1192 is available in 8-pin PDIP and SO packages with standard pinouts. The normally unused Pin 5 is used for a shutdown feature that shuts off the output and reduces power dissipation to a mere 15mW.
, LTC and LT are registered trademarks of Linear Technology Corporation.
APPLICATIO S
s s s s s
Video Cable Drivers Video Signal Processing Photo Diode Amplifier Pulse Amplifiers D/A Current to Voltage Conversion
TYPICAL APPLICATIO
Double Terminated Cable Driver
Inverter Pulse Response
5V 3
+
LT1192
7 6 4
75
CABLE
2
-
910
75 100
-5V
-3dB BANDWIDTH = 55MHz
LT1192 * TA01
AV = - 5, CL = 10pF SCOPE PROBE
U
LT1192 * TA02
U
U
1
LT1192
ABSOLUTE
(Note 1)
AXI U
RATI GS
PACKAGE DESCRIPTIO
TOP VIEW BAL 1 -IN 2 +IN 3 V- 4 N8 PACKAGE 8-LEAD PDIP 8 7 6 5 BAL V+ OUT SHDN
Total Supply Voltage (V + to V -) ............................. 18V Differential Input Voltage ........................................ 6V Input Voltage .......................................................... VS Output Short-Circuit Duration (Note 2) ........ Continuous Operating Temperature Range LT1192M (OBSOLETE) ............... -55C to 125C LT1192C ................................................. 0C to 70C Maximum Junction Temperature ......................... 150C Storage Temperature Range ................. -65C to 150C Lead Temperature (Soldering, 10 sec)................. 300C
S8 PART MARKING 1192 LT1192MJ8 LT1192CJ8
S8 PACKAGE 8-LEAD PLASTIC SO
TJMAX = 150C, JA = 100C/W (N8) TJMAX = 150C, JA = 150C/W (S8) J8 PACKAGE 8-LEAD CERDIP TJMAX = 150C, JA = 100C/W
OBSOLETE PACKAGE
Consider the N8 or S8 Packages for Alternate Source
Consult LTC Marketing for parts specified with wider operating temperature ranges.
ELECTRICAL CHARACTERISTICS
SYMBOL VOS IOS IB en in RIN CIN CMRR PSRR AVOL PARAMETER Input Offset Voltage Input Offset Current Input Bias Current Input Noise Voltage Input Noise Current Input Resistance Input Capacitance Input Voltage Range Common Mode Rejection Ratio Power Supply Rejection Ratio Large-Signal Voltage Gain Differential Mode Common Mode AV = 10 (Note 3) fO = 10kHz fO = 10kHz
VS = 5V, TA = 25C, CL 10pF, Pin 5 open circuit unless otherwise noted.
MIN LT1192M/C TYP MAX 0.2 0.2 0.5 9 4 16 5 1.8 -2.5 70 70 100 16 20 3.7 6.7 325 17.2 23 85 85 180 35 60 4 7 450 23.9 350 35 2.7 3.5 50 90 50 3.5 2.5 3 1.7 2.5 UNITS mV mV A A nV/Hz pA/Hz k M pF V dB dB V/mV V/mV V/mV V V V/s MHz MHz ns ns ns % ns
CONDITIONS N8 Package SO-8 Package
VCM = - 2.5V to 3.5V VS = 2.375V to 8V RL = 1k, VO = 3V RL = 100, VO = 3V VS = 8V, RL = 100, VO = 5V VS = 5V, RL = 1k VS = 8V, RL = 1k AV = - 10, RL = 1k (Notes 4, 9) VO = 6VP-P (Note 5) AV = 50, VO = 1.5V, 20% to 80% (Note 9) AV = 5, VO = 125mV, 10% to 90% AV = 5, VO = 125mV, 50% to 50% AV = 5, VO = 125mV 3V Step, 0.1% (Note 6)
VOUT SR FPBW GBW tr1, t f1 tr2, t f2 tPD ts
Output Voltage Swing Slew Rate Full-Power Bandwidth Gain Bandwidth Product Rise Time, Fall Time Rise Time, Fall Time Propagation Delay Overshoot Settling Time
2
U
ORDER PART NUMBER LT1192CN8 LT1192CS8
U
WW
W
LT1192
ELECTRICAL CHARACTERISTICS
SYMBOL Diff AV Diff Ph IS ISHDN tON tOFF PARAMETER Differential Gain Differential Phase Supply Current Shutdown Supply Current Shutdown Pin Current Turn On Time Turn Off Time Pin 5 at
VS = 5V, TA = 25C, CL 10pF, Pin 5 open circuit unless otherwise noted.
MIN LT1192M/C TYP MAX 0.23 0.15 32 V- 1.3 20 100 400 38 2 50 UNITS % DegP-P mA mA A ns ns
CONDITIONS RL = 150, AV = 10 (Note 7) RL = 150, AV = 10 (Note 7)
Pin 5 at V - Pin 5 from V - to Ground, RL = 1k Pin 5 from Ground to V -, RL = 1k
VS+ = 5V, VS- = 0V, VCM = 2.5V, TA = 25C, CL 10pF, Pin 5 open circuit unless otherwise noted.
SYMBOL VOS IOS IB CMRR AVOL VOUT SR GBW IS ISHDN PARAMETER Input Offset Voltage Input Offset Current Input Bias Current Input Voltage Range Common Mode Rejection Ratio Large-Signal Voltage Gain Output Voltage Swing Slew Rate Gain Bandwidth Product Supply Current Shutdown Supply Current Shutdown Pin Current Pin 5 at V- Pin 5 at V - (Note 3) VCM = 2V to 3.5V RL = 100 to Ground, VO = 1V to 3V RL = 100 to Ground AV = -5, VO = 1V to 3V VOUT High VOUT Low 2 60 30 3.6 80 50 3.8 0.25 250 350 29 1.2 20 36 2 50 0.4 V/s MHz mA mA A CONDITIONS All Packages MIN LT1192M/C TYP MAX 0.4 0.2 0.5 4 1.2 1.5 3.5 UNITS mV A A V dB V/mV V
The q denotes the specifications which apply over the full operating temperature range of - 55C TA 125C. VS = 5V, Pin 5 open circuit unless otherwise noted.
SYMBOL VOS VOS /T IOS IB CMRR PSRR AVOL VOUT IS ISHDN PARAMETER Input Offset Voltage Input VOS Drift Input Offset Current Input Bias Current Common Mode Rejection Ratio Power Supply Rejection Ratio Large-Signal Voltage Gain Output Voltage Swing Supply Current Shutdown Supply Current Shutdown Pin Current Pin 5 at V - (Note 8) Pin 5 at V- VCM = - 2.5V to 3.5V VS = 2.375V to 5V RL = 1k, VO = 3V RL = 100, VO = 3V RL = 1k CONDITIONS N8 Package
q q q q q q q q q q q q
MIN
LT1192M TYP 0.4 2 0.2 0.5
MAX 3.5 2 2.5
UNITS mV V/C A A dB dB V/mV V/mV V
65 70 55 5 3.7
85 90 90 14 3.9 32 1.5 20 38 2.5
mA mA A
3
LT1192
ELECTRICAL CHARACTERISTICS
SYMBOL VOS VOS /T IOS IB CMRR PSRR AVOL VOUT IS ISHDN PARAMETER Input Offset Voltage Input VOS Drift Input Offset Current Input Bias Current Common Mode Rejection Ratio Power Supply Rejection Ratio Large-Signal Voltage Gain Output Voltage Swing Supply Current Shutdown Supply Current Shutdown Pin Current
The q denotes the specifications which apply over the full operating temperature range of 0C TA 70C. VS = 5V, Pin 5 open circuit unless otherwise noted.
CONDITIONS N8 Package SO-8 Package
q q q q
MIN
LT1191C TYP 0.4 2 0.2 0.5
MAX 3 4 1.7 2.5
UNITS mV mV V/C A A dB dB V/mV V/mV V
VCM = - 2.5V to 3.5V VS = 2.375V to 5V RL = 1k, VO = 3V RL = 100, VO = 3V RL = 1k Pin 5 at V - (Note 8) Pin 5 at V-
q q q q q q q q
68 70 90 10 3.7
85 90 140 30 3.9 32 1.4 20 38 2.1
mA mA A
Note 1: Absolute Maximum Ratings are those values beyond which the life of the device may be impaired. Note 2: A heat sink is required to keep the junction temperature below absolute maximum when the output is shorted. Note 3: Exceeding the input common mode range may cause the output to invert. Note 4: Slew rate is measured between 1V on the output, with a 0.3V input step. Note 5: Full-power bandwidth is calculated from the slew rate measurement: FPBW = SR/2VP.
Note 6: Settling time measurement techniques are shown in "Take the Guesswork Out of Settling Time Measurements," EDN, September 19, 1985. AV = -5, RL = 1k. Note 7: NTSC (3.58MHz). For RL = 1k, Diff AV = 0.1%, Diff Ph = 0.01. Diff AV and Diff Ph can be reduced for AV < 10. Note 8: See Applications section for shutdown at elevated temperatures. Do not operate the shutdown above TJ > 125C. Note 9: AC parameters are 100% tested on the ceramic and plastic DIP packaged parts (J and N suffix) and are sample tested on every lot of the SO packaged parts (S suffix).
Optional Offset Nulling Circuit
5V 3
+ -
1
7 6 4 8 -5V
LT1192 2
INPUT OFFSET VOLTAGE CAN BE ADJUSTED OVER A 20mV RANGE WITH A 1k TO 10k POTENTIOMETER
LT1192 * TA03
4
LT1192 TYPICAL PERFOR A CE CHARACTERISTICS
Input Bias Current vs Common Mode Voltage
4 3 VS = 5V -0.3
INPUT BIAS CURRENT (A)
INPUT BIAS CURRENT (A)
-0.4 +IB -0.5 IOS -0.6 -IB
COMMON MODE VOLTAGE (V)
2 1 25C 0 -1 -2 -4 -3 1 3 -2 -1 0 2 COMMON MODE VOLTAGE (V) 4 -55C 125C
Equivalent Input Noise Voltage vs Frequency
EQUIVALENT INPUT NOISE VOLTAGE (nV/Hz)
250 200 150 100 50 0
VS = 5V TA = 25C RS = 0
EQUIVALENT INPUT NOISE CURRENT (pA/Hz)
300
SUPPLY CURRENT (mA)
10
100
1k 10k FREQUENCY (Hz)
Shutdown Supply Current vs Temperature
5.0 VS = 5V VSHDN = -VEE + 0.4V 4.0 3.5 3.0 2.5 2.0 VSHDN = -VEE 1.5 1.0 -50 -25 0 25 75 50 TEMPERATURE (C) 100 125 VSHDN = -VEE + 0.2V
SHUTDOWN SUPPLY CURRENT (mA)
OPEN-LOOP VOLTAGE GAIN (V/V)
RL = 1k
OPEN-LOOP VOLTAGE GAIN (V/V)
4.5
UW
LT1192 * TPC01 LT1192 * TPC04 LT1192 * TPC07
Input Bias Current vs Temperature
VS = 5V 10 8 6 4 2 0 -2 -4 -6 -8 -0.8 -50 -10 -25 50 0 25 75 TEMPERATURE (C) 100 125
Common Mode Voltage vs Supply Voltage
-55C 25C +V COMMON MODE 125 C
-0.7
-V COMMON MODE
-55C 25C 125C
0
2
6 4 8 V SUPPLY VOLTAGE (V)
10
LT1192 * TPC02
LT1192 * TPC03
Equivalent Input Noise Current vs Frequency
80 VS = 5V TA = 25C RS = 100k 40
Supply Current vs Supply Voltage
60
30 -55C 25C 20 125C
40
20
10
0 10 100 1k 10k FREQUENCY (Hz) 100k
0 0 2 8 4 6 SUPPLY VOLTAGE (V) 10
100k
LT1192 * TPC05
LT1192 * TPC06
Open-Loop Voltage Gain vs Temperature
200k VS = 5V VO = 3V
200k
Open-Loop Voltage Gain vs Load Resistance
VS = 5V VO = 3V TA = 25C
150k
150k
100k
100k
50k
RL = 100
50k
0 -50 -25
0
25 75 0 50 TEMPERATURE (C)
100
125
10
100 LOAD RESISTANCE ()
1000
LT1192 * TPC09
LT1192 * TPC08
5
LT1192 TYPICAL PERFOR A CE CHARACTERISTICS
Gain, Phase vs Frequency
100 80
GAIN BANDWIDTH PRODUCT (MHz)
VOLTAGE GAIN (dB)
60 40 20 0 -20 100k GAIN
60 40 20 0 -20 1M 10M 100M FREQUENCY (Hz) 1G
340 320 300 280 260 240 0 2 4 8 6 V SUPPLY VOLTAGE (V) 10
OUTPUT IMPEDANCE ( )
PHASE
Gain and Phase Margin vs Temperature
70 68
COMMON MODE REJECTION RATIO (dB)
48 46
GAIN = 5 FREQUENCY (MHz)
66 64 62 60 58 56 54 52 50 -50 -25 0 50 25 75 TEMPERATURE (C) 100 PHASE MARGIN GAIN = 5 FREQUENCY
60 50 40 30 20 10 1M
POWER SUPPLY REJECTION RATIO (dB)
Output Short-Circuit Current vs Temperature
100
OUTPUT SHORT-CIRCUIT CURRENT (mA)
6 90
OUTPUT VOLTAGE SWING (V)
OUTPUT SWING (V)
80
70 -50
-25
50 0 25 75 TEMPERATURE (C)
6
UW
LT1192 * TPC10
Gain Bandwidth Product vs Supply Voltage
VS = 5V TA = 25C RL = 1k 80 100 380 360 TA = -55C, 25C, 125C
100
Output Impedance vs Frequency
VS = 5V TA = 25C
10 AV = -100 1
PHASE MARGIN (DEGREES)
0.1 AV = - 10 0.01
0.001 1k 10k 100k 1M FREQUENCY (Hz) 10M 100M
LT1192 * TPC11
LT1192 * TPC13
Common Mode Rejection Ratio vs Frequency
VS = 5V RL = 1k 50 70 VS = 5V TA = 25C RL = 1k
Power Supply Rejection Ratio vs Frequency
100 VS = 5V VRIPPLE = 300mV TA = 25C
80
PHASE MARGIN (DEGREES)
44 42 40 38 36 34 32 30 125
60
+PSRR
40 -PSRR
20
0
10M 100M FREQUENCY (Hz) 1G
LT1192 * TPC14
1k
10k
100k 1M FREQUENCY (Hz)
10M
100M
LT1192 * TPC12
LT1192 * TPC15
Output Swing vs Supply Voltage
10 8 RL = 1k +VOUT, 25C, 125C, -55C 5
Output Voltage Swing vs Load Resistance
VS = 5V TA = -55C TA = 25C 1 TA = 125C
VS = 5V
3
4 2 0 -2 -4 -6 -8 -10 - VOUT, -55C, 25C, 125C
-1
-3
TA = 125C TA = -55C, 25C
-5 0 2 8 4 6 V SUPPLY VOLTAGE (V) 10 10 100 LOAD RESISTANCE () 1000
LT1192 * TPC18
100
125
LT1192 * TPC16
LT1192 * TPC17
LT1192 TYPICAL PERFOR A CE CHARACTERISTICS
Slew Rate vs Temperature
600 VS = 5V TA = 25C RL = 1k VO = 2V 4 -SLEW RATE
OUTPUT VOLTAGE STEP (V)
2
10mV
1mV
OUTPUT VOLTAGE STEP (V)
SLEW RATE (V/s)
500
+SLEW RATE 400
300 -50
-25
0 25 50 75 TEMPERATURE (C)
Large-Signal Transient Response
AV = 5, CL = 10pF SCOPE PROBE
APPLICATIO S I FOR ATIO
Power Supply Bypassing
The LT1192 is quite tolerant of power supply bypassing. In some applications a 0.1F ceramic disc capacitor placed 1/2 inch from the amplifier is all that is required. A scope photo of the amplifier output with no supply bypassing is used to demonstrate this bypassing tolerance, RL = 1k. In most applications, and those requiring good settling time, it is important to use multiple bypass capacitors. A 0.1F ceramic disc in parallel with a 4.7F tantalum is recommended. Two oscilloscope photos with different bypass conditions are used to illustrate the settling time characteristics of the amplifier. Note that although the output waveform looks acceptable at 1V/DIV, when
U
W
UW
100
LT1192 * TPC22
Output Voltage Step vs Settling Time, AV = - 5
VS = 5V TA = 25C RL = 1k 4
Output Voltage Step vs Settling Time, AV = 5
2
10mV
1mV
0
0
-2
10mV
1mV
-2
10mV
1mV
-4 125 20 40 60 80 100 120 SETTLING TIME (ns) 140 160
-4 50 100 150 SETTLING TIME (ns)
VS = 5V TA = 25C RL = 1k 200
LT1192 * TPC21
LT1192 * TPC19
LT1192 * TPC20
Small-Signal Transient Response
Output Overload
LT1192 * TPC23
LT1192 * TPC24
AV = 5, SMALL-SIGNAL RISE TIME, WITH FET PROBES
AV = 10, VIN = 1.2VP-P
UU
No Supply Bypass Capacitors
LT1192 * TA04
AV = - 5, IN DEMO BOARD, RL = 1k
7
LT1192
APPLICATIO S I FOR ATIO
amplified to 1mV/DIV the settling time to 1mV is 4.132s for the 0.1F bypass; the time drops to 140ns with multiple bypass capacitors.
Settling Time Poor Bypass
CLOSED LOOP VOLTAGE GAIN (dB)
VOUT 1V/DIV
0V
LT1192 * TA05
SETTLING TIME TO 1mV, AV = -1 SUPPLY BYPASS CAPACITORS = 0.1F
Settling Time Good Bypass
VOUT 1V/DIV
0V
LT1192 * TA06
SETTLING TIME TO 1mV, AV = -1 SUPPLY BYPASS CAPACITORS = 0.1F + 4.7F TANTALUM
Cable Terminations The LT1192 operational amplifier has been optimized as a low cost video cable driver. The 50mA guaranteed output current enables the LT1192 to easily deliver 7.5VP-P into 100, while operating on 5V supplies or 2.6VP-P on a single 5V supply. When driving a cable it is important to terminate the cable to avoid unwanted reflections. This can be done in one of two ways: single termination or double termination. With single termination, the cable must be terminated at the receiving end (75 to ground) to absorb unwanted
8
U
Double Terminated Cable Driver
5V 3+ 7 6 LT1192 2- 4 -5V 75 RFB CABLE 75 RG
W
UU
Cable Driver Voltage Gain vs Frequency
24 TA = 25C VOUT 0V 1mV/DIV 20 16 12 8 4 0 100k AV = +5 RFB = 910 RG = 100 AV = +10 RFB = 910 R G = 47
1M
10M
100M
FREQUENCY (Hz)
LT1192 * TA07
0V
VOUT 1mV/DIV
energy. The best performance can be obtained by double termination (75 in series with the output of the amplifier, and 75 to ground at the other end of the cable). This termination is preferred because reflected energy is absorbed at each end of the cable. When using the double termination technique it is important to note that the signal is attenuated by a factor of 2, or 6dB. For a cable driver with a gain of 5 (op amp gain of 10) the - 3dB bandwidth is 56MHz with only 0.25dB of peaking. Using the Shutdown Feature The LT1192 has a unique feature that allows the amplifier to be shut down for conserving power or for multiplexing several amplifiers onto a common cable. The amplifier will shut down by taking Pin 5 to V-. In shutdown, the amplifier dissipates 15mW while maintaining a true high impedance output state of 15k in parallel with the feedback resistors. The amplifiers must be used in a noninverting configuration for MUX applications. In inverting configurations the input signal is fed to the output through the feedback components. When the output is loaded with as little as 1k from the amplifier's feedback resistors, the amplifier shuts off in 400ns. This shutoff can be under the control of HC CMOS operating between 0V and - 5V.
LT1192
APPLICATIO S I FOR ATIO
Output Shutdown
0V VSHDN - 5V
VOUT
LT1192 * TA08
1MHz SINE WAVE GATED OFF WITH SHUTDOWN PIN, AV = 10, RL = 1k
CLOSED-LOOP VOLTAGE GAIN (dB)
The ability to maintain shutoff is shown on the curve Shutdown Supply Current vs Temperature in the Typical Performance Characteristics section. At very high elevated temperatures it is important to hold the SHDN pin close to the negative supply to keep the supply current from increasing. Operating with Low Closed-Loop Gains When using decompensated amplifiers it should be realized that peaking in the frequency domain, and overshoot and ringing in the time domain occur as closed-loop gain is lowered. The LT1192 is stable to a closed-loop gain of 5, however, peaking and ringing can be minimized by increasing the closed-loop gain. For instance, the LT1192 peaks 5dB when used in a gain of 5, but peaks by less than 0.5dB for a closed-loop gain of 10. Likewise, the overshoot drops from 50% to 4% for gains of 10. Murphy Circuits There are several precautions the user should take when using the LT1192 in order to realize its full capability. Although the LT1192 can drive a 50pF load, isolating the capacitance with 20 can be helpful. Precautions primarily have to do with driving large capacitive loads.
U
Small-Signal Transient Response
LT1192 * TA09
W
UU
AV = 10, SMALL-SIGNAL RISE TIME, WITH FET PROBES
Closed-Loop Voltage Gain vs Frequency
24 22 20 18 16 14 12 10 100k AV = 5 AV = 10
1M
10M 100M FREQUENCY (Hz)
1G
LT1192 * TA10
Other precautions include: 1. Use a ground plane (see Design Note 50, High Frequency Amplifier Evaluation Board). 2. Do not use high source impedances. The input capacitance of 2pF, and RS = 10k for instance, will give an 8MHz - 3dB bandwidth. 3. PC board socket may reduce stability. 4. A feedback resistor of 1k or lower reduces the effects of stray capacitance at the inverting input.
9
LT1192
APPLICATIO S I FOR ATIO
Driving Capacitive Load
LT1192 * TA11
AV = -5, IN DEMO BOARD, CL = 50pF
5V 3
+
LT1192
7 6 4 -5V
COAX 2
2
-
An Unterminated Cable Is a Large Capacitive Load
5V 3
+
LT1192
7 6 4 -5V
2
-
SCOPE PROBE
LT1192 * TA13
A Scope Probe on the Inverting Input Reduces Phase Margin
10
U
Driving Capacitive Load
LT1192 * TA12
W
UU
AV = -5, IN DEMO BOARD, CL = 50pF WITH 20 ISOLATING RESISTOR
Murphy Circuits
5V 3
+
LT1192
7 6 4 -5V 1X SCOPE PROBE
-
A 1X Scope Probe Is a Large Capacitive Load
+
LT1192
-
LT1192 Is Stable for Gains 5V/V
LT1192
SI PLIFIED SCHE ATIC
7 V+ VBIAS VBIAS CM
+ -
3 CFF 2 +V +V 6 VOUT
5 SHDN
*SUBSTRATE DIODE, DO NOT FORWARD BIAS
PACKAGE DESCRIPTIO
CORNER LEADS OPTION (4 PLCS)
0.300 BSC (0.762 BSC)
0.045 - 0.068 (1.143 - 1.727) FULL LEAD OPTION
0.008 - 0.018 (0.203 - 0.457)
0 - 15 1 0.045 - 0.065 (1.143 - 1.651) 0.014 - 0.026 (0.360 - 0.660) 0.100 (2.54) BSC 0.125 3.175 MIN 2 3 4
J8 1298
NOTE: LEAD DIMENSIONS APPLY TO SOLDER DIP/PLATE OR TIN PLATE LEADS
Information furnished by Linear Technology Corporation is believed to be accurate and reliable. However, no responsibility is assumed for its use. Linear Technology Corporation makes no representation that the interconnection of its circuits as described herein will not infringe on existing patent rights.
U
W
W
*
4 V-
LT1191 * TA14
1 BAL
8 BAL
J8 Package 8-Lead CERDIP (Narrow .300 Inch, Hermetic)
(Reference LTC DWG # 05-08-1110)
0.023 - 0.045 (0.584 - 1.143) HALF LEAD OPTION 0.200 (5.080) MAX 0.015 - 0.060 (0.381 - 1.524) 0.005 (0.127) MIN
0.405 (10.287) MAX 8 7 6 5
0.025 (0.635) RAD TYP
0.220 - 0.310 (5.588 - 7.874)
OBSOLETE PACKAGE
11
LT1192
PACKAGE DESCRIPTIO U
N8 Package 8-Lead PDIP (Narrow .300 Inch)
(Reference LTC DWG # 05-08-1510)
0.400* (10.160) MAX 8 7 6 5 0.045 - 0.065 (1.143 - 1.651) 0.130 0.005 (3.302 0.127) 0.255 0.015* (6.477 0.381) 0.125 (3.175) 0.020 MIN (0.508) MIN 0.018 0.003 (0.457 0.076) 1 2 3 4
N8 1098
0.300 - 0.325 (7.620 - 8.255)
0.009 - 0.015 (0.229 - 0.381)
0.065 (1.651) TYP
(
+0.035 0.325 -0.015 8.255 +0.889 -0.381
)
0.100 (2.54) BSC
*THESE DIMENSIONS DO NOT INCLUDE MOLD FLASH OR PROTRUSIONS. MOLD FLASH OR PROTRUSIONS SHALL NOT EXCEED 0.010 INCH (0.254mm)
S8 Package 8-Lead Plastic Small Outline (Narrow .150 Inch)
(Reference LTC DWG # 05-08-1610)
0.189 - 0.197* (4.801 - 5.004) 0.010 - 0.020 x 45 (0.254 - 0.508) 0.008 - 0.010 (0.203 - 0.254) 0- 8 TYP 0.053 - 0.069 (1.346 - 1.752) 8 0.004 - 0.010 (0.101 - 0.254) 0.228 - 0.244 (5.791 - 6.197) 0.150 - 0.157** (3.810 - 3.988) 7 6 5
0.014 - 0.019 (0.355 - 0.483) TYP *DIMENSION DOES NOT INCLUDE MOLD FLASH. MOLD FLASH SHALL NOT EXCEED 0.006" (0.152mm) PER SIDE **DIMENSION DOES NOT INCLUDE INTERLEAD FLASH. INTERLEAD FLASH SHALL NOT EXCEED 0.010" (0.254mm) PER SIDE
0.016 - 0.050 (0.406 - 1.270)
0.050 (1.270) BSC
SO8 1298
1
2
3
4
RELATED PARTS
PART NUMBER LT1221 LT1222 LT1225 DESCRIPTION High Speed Operational Amplifier High Speed Operational Amplifier High Speed Operational Amplifier COMMENTS 150MHz Gain Bandwidth, 200V/s Slew Rate, en = 6nV/Hz 500MHz Gain Bandwidth, 200V/s Slew Rate, en = 3nV/Hz 150MHz Gain Bandwidth, 400V/s Slew Rate, IS = 7mA
12
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 q FAX: (408) 434-0507
q
1192fa LT/CP 0801 1.5K REV A * PRINTED IN USA
www.linear.com
(c) LINEAR TECHNOLOGY CORPORATION 1991


▲Up To Search▲   

 
Price & Availability of LT119201

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X